PART |
Description |
Maker |
LPX-40 |
Cover Enclosure Kit
|
ASTEC[Astec America, Inc]
|
HYB5117400BJ-50- Q67100-Q1088 HYB5117400BJ-50 HYB5 |
Connector Cover; Leaded Process Compatible:No; Enclosure Color:Gray; For Use With:SB 350 Connector; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 4米4位动态随机存储器 4M x 4-Bit Dynamic RAM
|
http:// SIEMENS AG
|
1N658A 1N302 1N214 1N207 1N300 1N485 1N485A 1N485C |
VC-MP-A2 MKDS 1/12-3,81 硅二极管 silicon diode 硅二极管 TRIMPOT 1K OHM 3MM CERMET SMD Enclosure Protective Boot; For Use With:40-32 Deep Series; Enclosure Color:Black; Enclosure Material:Rubber RoHS Compliant: Yes silicon diode
|
List of Unclassifed Man... AVX, Corp. Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] List of Unclassifed Manufac...
|
SD5001 SD5401 SD5402 SD5402CY SD5400CY SD5000N XSD |
30.5mm Hole Pushbutton Enclosure; NEMA Type:12, 13; Enclosure Material:Steel; Enclosure Color:Gray; No. of Contacts:5 RoHS Compliant: Yes 50 mA, 15 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET High-Speed DMOS Quad FET Analog Switch Arrays 50 mA, 20 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Magnet-Schultz of America, Inc. Calogic LLC CALOGIC[Calogic, LLC]
|
TMPZ84C00AP-8 TMPZ84C00AM-6 |
Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Thread Size:PG 21; Connecting Termination:Screw; Gender:Male; No. of Contacts:10; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes CONNECTOR BACKSHELL; ENCLOSURE MATERIAL:THERMOPLASTIC; ENCLOSURE COLOR BLUE; FOR USE WITH:AMPHENOL TUCHEL ECOMATE CIRCULAR CONNECTORS RoHS Compliant: Yes
|
Toshiba Corporation
|
BA-8Y6UW BA-2D2UW BA-2E2UW BA-2G2UW BA-2H2UW BA-2R |
LED LIGHT BAR & BAR GRAPH ARRAYS ENCLOSURE, CLEAR DOORENCLOSURE, CLEAR DOOR; Length / Height, external:185mm; Width, external:213mm; Depth, external:118mm; Material:Polycarbonate; Colour:Light Grey; Flammability rating:UL94-5V; IP rating:IP 65; RAL number:7035; LED LIGHT BAR & BAR GRAPH ARRAYS 发光二极管光
|
?╁??′唤?????? YSTONE[Yellow Stone Corp] 早安股份有限公司 Yellow Stone, Corp.
|
LPX50 |
LPX50 Enclosure LPX50 Enclosure
|
ASTEC[Astec America, Inc]
|
28LV011RPFB-25 28LV011RPFE-25 28LV011RT1FE-25 28LV |
3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)的EEPROM PN Series Box Enclosure; NEMA Type:1, 2, 4, 4X, 12, 13; Enclosure Material:Polycarbonate; External Height:3.54"; External Width:6.3"; External Depth:9.45"; Enclosure Color:Gray 128K X 8 EEPROM 3V, 200 ns, DFP32 3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)EEPROM 3.3V 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 3V, 200 ns, DFP32
|
Maxwell Technologies, Inc
|
17-100950 17K1A111 |
Protective Cover Assembly Kit Protective Cover Assembly Kit Metal Version Industrial Ethernet Connector (IP67)
|
CONEC Elektronische Bauelemente GmbH
|
AH182 AH183 AH182-WLA AH183-WLA |
V(cc): 7V; 230-550mW; low power hall effect latch. For cover detector, speed measurement, home safety Low power Hall Effect Switch
|
Anachip ETC[ETC] N.A.
|
AWG28-20-G-1-300 |
GREY RIBBON CABLE
|
Assmann Electronics Inc.
|